Part Number Hot Search : 
MJ10007 ENA1024 AP148 MV71001 E28F004 OV20880 C3406 THAT380G
Product Description
Full Text Search
 

To Download LDZ125ES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  medium voltage fuses 64 w w w . l i t t e l f u s e . c o m medium voltage fuses ? 2005 littelfuse ? powr-gard ? products catalog medium voltage fuses 2,400 - 38,000 vac ? current-limiting littelfuse now offers a complete selection of e and r rated medium voltage fuses for the protection of tran s formers, potential transformers, feeders, and motor circuits. single, double, and triple barrel designs are available to cover a wide range of current, voltage, and interrupting ratings. conventional ferrule type, clip lock, and bolt-in mounting configurations are now available for virtually any application. hermetically sealed fuses for use in hazardous environments are also offered. contact the factory or your local littelfuse representative for additional fuse ratings or custom mounting configurations. 24 hour emergency service is available. call 847 824 1188. applications power transformer protection potential transformer protection motor controller back-up protection fused switches feeder circuits general information the terms medium voltage and high voltage have been used interchangeably by many people to describe fuses operating above 600 volts. technically speaking, medium voltage fuses are those intended for the voltage range from 2,400 to 38,000 vac. high voltage fuses are for circuits carrying voltages greater than 38,000 vac. e rated fuses are considered to be general purpose fuses and can be used to protect against low and high values of fault current. r rated fuses are designed for back-up protection. they must be used in series with other devices such as motor overload relays in order to achieve both overload and short-circuit protection. medium voltage fuses are not intended to provide overload protection in the same sense as fuses rated 600 volts or less. medium voltage fuse current ratings do not have the same meanings as the ampere ratings of low voltage fuses. all medium voltage fuses are limited in their ability to interrupt low value overcurrents, especially those between 100% and 200% of the fuses continuous current rating. they are designed to carry their rated current without exceeding the temperature rise permitted by nema and ansi standards. additional application data can be found in the fuse application section of this catalog. current-limiting e and r rated fuses are equipped with a mechanical indicator or striker pin that protrudes through the fuse cap upon operation of the fuse. this provides visual identification of a blown fuse and can be used as a trigger for external devices. note: extension distance 1 / 2 min; extension force 2lb. min bolt-in mount fuses
medium voltage fuses 69 w w w . l i t t e l f u s e . c o m medium voltage fuses ? 2005 littelfuse ? powr-gard ? products catalog e rated medium voltage fuses current-limiting e rated fuses have time current characteristics designed to provide current-limiting protection for power transformers, potential transformers, power centers, feeder centers, and unit sub stations. when properly applied, they can protect against high and low fault currents. nema standards for e rated medium voltage fuses require that fuses rated 100e or less open within 300 seconds (5 minutes) when subjected to an rms value of 200-240% of the fuse continuous current rating; and fuses with an e rating larger than 100e must open within 600 seconds (10 minutes) when subjected to an rms current of 220- 240% of the fuses continuous current rating. these values establish one point on the time-current curve. application note: since these fuses are used for the protection of general purpose circuits which may contain transformers, motors, and other equipment producing in-rush and/or overload currents, fuses should generally be rated at 140% of the normal full load current, and circuits should be analyzed to ensure that system load currents will not exceed the current rating of the fuse. 3"dia dim.a (clip center) 6.38" dim.b 9.75" aa d d d ddd figure 14 figure 15 figure 16 characteristics voltage rating: 2,400 volts C 38,000 volts current range: 10e C 600e options ? hermetically sealed for use in hazardous locations (add s suffix to part number) ? clip-lock (cl) and bolt-in styles available. e rated catalog number old catalog number size dim. a (inches) dim. b (inches) max interrupting rating rms (asym) figure number 2.75 max. kv 10e-1c-2.75 lcx 10e 10e 7" 10.875" 80,000 14 15e-1c-2.75 15e 7" 10.875" 80,000 14 20e-1c-2.75 20e 7" 10.875" 80,000 14 25e-1c-2.75 25e 7" 10.875" 80,000 14 30e-1c-2.75 lcx 30e 30e 7" 10.875" 80,000 14 40e-1c-2.75 lcx 40e 40e 7" 10.875" 80,000 14 50e-1c-2.75 lcx 50e 50e 7" 10.875" 80,000 14 65e-1c-2.75 lcx 65e 65e 7" 10.875" 80,000 14 80e-1c-2.75 lcx 80e 80e 7" 10.875" 80,000 14 100e-1c-2.75 lcx 100e 100e 7" 10.875" 80,000 14 125e-1c-2.75 125e 7" 10.875" 80,000 14 150e-1c-2.75 150e 7" 10.875" 80,000 14 200e-1c-2.75 200e 7" 10.875" 80,000 14 125e-2c-2.75 lcx 125e 125e 7" 10.875" 80,000 15 150e-2c-2.75 lcx 150e 150e 7" 10.875" 80,000 15 175e-2c-2.75 lcx 175e 175e 7" 10.875" 80,000 15 200e-2c-2.75 lcx 200e 200e 7" 10.875" 80,000 15 225e-2c-2.75 225e 7" 10.875" 80,000 15 250e-2c-2.75 lcx 250e 250e 7" 10.875" 80,000 15 300e-2c-2.75 lcx 300e 300e 7" 10.875" 80,000 15 350e-2c-2.75 350e 7" 10.875" 80,000 15 400e-2c-2.75 lcx 400e 400e 7" 10.875" 80,000 15 450e-2c-2.75 450e 7" 10.875" 80,000 15
medium voltage fuses 70 w w w . l i t t e l f u s e . c o m medium voltage fuses ? 2005 littelfuse ? powr-gard ? products catalog e rated catalog number old catalog number size dim. a (inches) dim. b (inches) max interrupting rating rms (asym) diagram 5.5 max. kv 10e-1c-5.5 10e 12" 15.875" 80,000 14 15e-1c-5.5 15e 12" 15.875" 80,000 14 20e-1c-5.5 20e 12" 15.875" 80,000 14 25e-1c-5.5 25e 12" 15.875" 80,000 14 30e-1c-5.5 lcy 30e 30e 12" 15.875" 80,000 14 40e-1c-5.5 lcy 40e 40e 12" 15.875" 80,000 14 50e-1c-5.5 lcy 50e 50e 12" 15.875" 80,000 14 65e-1c-5.5 lcy 60e 65e 12" 15.875" 80,000 14 80e-1c-5.5 lcy 80e 80e 12" 15.875" 80,000 14 100e-1c-5.5 lcy 100e 100e 12" 15.875" 80,000 14 125e-1c-5.5 lcy 125e 125e 12" 15.875" 80,000 14 150e-1c-5.5 lcy 150e 150e 12" 15.875" 80,000 14 175e-1c-5.5 lcy 175e 175e 12" 15.875" 80,000 14 200e-1c-5.5 lcy 200e 200e 12" 15.875" 80,000 14 125e-2c-5.5 125e 12" 15.875" 80,000 15 150e-2c-5.5 150e 12" 15.875" 80,000 15 175e-2c-5.5 175e 12" 15.875" 80,000 15 200e-2c-5.5 200e 12" 15.875" 80,000 15 250e-2c-5.5 lcy 250e 250e 12" 15.875" 80,000 15 300e-2c-5.5 lcy 300e 300e 12" 15.875" 80,000 15 350e-2c-5.5 lcy 350e 350e 12" 15.875" 80,000 15 400e-2c-5.5 lcy 400e 400e 12" 15.875" 80,000 15 450e-2c-5.5 lcy 450e 450e 12" 15.875" 80,000 15 500e-3c-5.5 500e 12" 15.875" 80,000 16 550e-3c-5.5 550e 12" 15.875" 80,000 16 600e-3c-5.5 600e 12" 15.875" 80,000 16 5.5 max. kv 5nle-10e 10e 14 17 7 ? 8 " 80,000 14 5nle-15e 15e 14 17 7 ? 8 " 80,000 14 5nle-20e 20e 14 17 7 ? 8 " 80,000 14 5nle-25e 25e 14 17 7 ? 8 " 80,000 14 5nle-30e lcu 30e 30e 14 17 7 ? 8 " 80,000 14 5nle-40e lcu 40e 40e 14 17 7 ? 8 " 80,000 14 5nle-50e lcu 50e 50e 14 17 7 ? 8 " 80,000 14 5nle-65e lcu 65e 65e 14 17 7 ? 8 " 80,000 14 5nle-80e lcu 80e 80e 14 17 7 ? 8 " 80,000 14 5nle-100e lcu 100e 100e 14 17 7 ? 8 " 80,000 14 5nle-125e lcu 125e 125e 14 17 7 ? 8 " 80,000 14 5nle-150e lcu 150e 150e 14 17 7 ? 8 " 80,000 14 5nle-175e lcu 175e 175e 14 17 7 ? 8 " 80,000 14 5nle-200e lcu 200e 200e 14 17 7 ? 8 " 80,000 14 5nle2-225e 225e 14 17 7 ? 8 " 80,000 15 5nle2-250e lcu 250e 250e 14 17 7 ? 8 " 80,000 15 5nle2-300e lcu 300e 300e 14 17 7 ? 8 " 80,000 15 5nle2-350e lcu 350e 350e 14 17 7 ? 8 " 80,000 15 5nle2-400e lcu 400e 400e 14 17 7 ? 8 " 80,000 15 5nle2-450e lcu 450e 450e 14 17 7 ? 8 " 80,000 15 e rated medium voltage fuses current-limiting
medium voltage fuses 71 w w w . l i t t e l f u s e . c o m medium voltage fuses ? 2005 littelfuse ? powr-gard ? products catalog e rated catalog number old catalog number size dim. a (inches) dim. b (inches) max interrupting rating rms (asym) diagram 8.25 max. kv 10e-1c-8.25 10e 12" 15 7 ? 8 " 80,000, 14 15e-1c-8.25 15e 12" 15 7 ? 8 " 80,000 14 20e-1c-8.25 20e 12" 15 7 ? 8 " 80,000 14 25e-1c-8.25 25e 12" 15 7 ? 8 " 80,000 14 30e-1c-8.25 ldz 30e 30e 12" 15 7 ? 8 " 80,000 14 40e-1c-8.25 ldz 40e 40e 12" 15 7 ? 8 " 80,000 14 50e-1c-8.25 ldz 50e 50e 12" 15 7 ? 8 " 80,000 14 65e-1c-8.25 ldz 65e 65e 12" 15 7 ? 8 " 80,000 14 80e-1c-8.25 ldz 80e 80e 12" 15 7 ? 8 " 80,000 14 100e-1c-8.25 ldz 100e 100e 12" 15 7 ? 8 " 80,000 14 125e-1c-8.25 ldz 125e 125e 12" 15 7 ? 8 " 80,000 14 150e-1c-8.25 ldz 150e 150e 12" 15 7 ? 8 " 80,000 14 125e-2c-8.25 ldz 125e 125e 12" 15 7 ? 8 " 80,000 15 150e-2c-8.25 ldz 150e 150e 12" 15 7 ? 8 " 80,000 15 200e-2c-8.25 ldz 200e 200e 12" 15 7 ? 8 " 80,000 15 250e-2c-8.25 ldz 250e 250e 12" 15 7 ? 8 " 80,000 15 300e-2c-8.25 ldz 300e 300e 12" 15 7 ? 8 " 80,000 15 350e-3c-8.25 ldz 350z 350e 12" 15 7 ? 8 " 80,000 16 400e-3c-8.25 400e 12" 15 7 ? 8 " 80,000 16 8.25 max. kv 8nle-10e 10e 14" 17 7 ? 8 " 80,000 14 8nle-15e 15e 14" 17 7 ? 8 " 80,000 14 8nle-20e 20e 14" 17 7 ? 8 " 80,000 14 8nle-25e 25e 14" 17 7 ? 8 " 80,000 14 8nle-30e lcz 30e 30e 14" 17 7 ? 8 " 80,000 14 8nle-40e lcz 40e 40e 14" 17 7 ? 8 " 80,000 14 8nle-50e lcz 50e 50e 14" 17 7 ? 8 " 80,000 14 8nle-65e lcz 65e 65e 14" 17 7 ? 8 " 80,000 14 8nle-80e lcz 80e 80e 14" 17 7 ? 8 " 80,000 14 8nle-100e lcz 100e 100e 14" 17 7 ? 8 " 80,000 14 8nle2-100e lcz 100e 100e 14" 17 7 ? 8 " 80,000 14 8nle2-125e lcz 125e 125e 14" 17 7 ? 8 " 80,000 15 8nle2-150e lcz 150e 150e 14" 17 7 ? 8 " 80,000 15 8nle2-200e lcz 200e 200e 14" 17 7 ? 8 " 80,000 15 8nle2-250e 250e 14" 17 7 ? 8 " 80,000 15 e rated catalog number old catalog number size dim. a (inches) dim. b (inches) max interrupting rating rms (asym) figure number 15.5 max. kv 10e-1c-15.5 ldn 10e 10e 15" 18.875" 80,000 14 15e-1c-15.5 ldn 15e 15e 15" 18.875" 80,000 14 20e-1c-15.5 ldn 20e 20e 15" 18.875" 80,000 14 25e-1c-15.5 ldn 25e 25e 15" 18.875" 80,000 14 30e-1c-15.5 ldn 30e 30e 15" 18.875" 80,000 14 40e-1c-15.5 ldn 40e 40e 15" 18.875" 80,000 14 50e-1c-15.5 ldn 50e 50e 15" 18.875" 80,000 14 65e-1c-15.5 ldn 65e 65e 15" 18.875" 80,000 14 80e-1c-15.5 ldn 80e 80e 15" 18.875" 80,000 14 100e-1c-15.5 ldn 100e 100e 15" 18.875" 80,000 14 65e-2c-15.5 65e 15" 18.875" 80,000 15 80e-2c-15.5 80e 15" 18.875" 80,000 15 100e-2c-15.5 100e 15" 18.875" 80,000 15 125e-2c-15.5 125e 15" 18.875" 80,000 15 150e-2c-15.5 ldn 150e 150e 15" 18.875" 80,000 15 175e-2c-15.5 ldn 175e 175e 15" 18.875" 80,000 15 200e-2c-15.5 200e 15" 18.875" 80,000 15 200e-3c-15.5 200e 15" 18.875" 80,000 16 250e-3c-15.5 250e 15" 18.875" 80,000 16 300e-3c-15.5 300e 15" 18.875" 80,000 16 e rated medium voltage fuses current-limiting
medium voltage fuses 72 w w w . l i t t e l f u s e . c o m medium voltage fuses ? 2005 littelfuse ? powr-gard ? products catalog e rated catalog number old catalog number size dim. a (inches) dim. b (inches) max interrupting rating rms (asym) figure number 15.5 max. kv 15gse-65e 65e 18" 21 7 ? 8 " 60,000 14 15gse-80e 80e 18" 21 7 ? 8 " 60,000 14 15gse-100e 100e 18" 21 7 ? 8 " 60,000 14 15gse2-125e 125e 18" 21 7 ? 8 " 60,000 15 15gse2-150e 150e 18" 21 7 ? 8 " 60,000 15 15gse2-175e 175e 18" 21 7 ? 8 " 60,000 15 15gse2-200e 200e 18" 21 7 ? 8 " 60,000 15 15.5 max. kv 15nle-10e 10e 20" 23 7 ? 8 " 60,000 14 15nle-15e 15e 20" 23 7 ? 8 " 60,000 14 15nle-20e 20e 20" 23 7 ? 8 " 60,000 14 15nle-25e 25e 20" 23 7 ? 8 " 60,000 14 15nle-30e lcn 30e 30e 20" 23 7 ? 8 " 60,000 14 15nle-40e lcn 40e 40e 20" 23 7 ? 8 " 60,000 14 15nle-50e lcn 50e 50e 20" 23 7 ? 8 " 60,000 14 15nle-65e lcn 65e 65e 20" 23 7 ? 8 " 60,000 14 15nle-80e lcn 80es 80e 20" 23 7 ? 8 " 60,000 14 15nle-100e lcn 100es 100e 20" 23 7 ? 8 " 60,000 14 15nle2-80e lcn 80e 80e 20" 23 7 ? 8 " 60,000 15 15nle2-100e lcn 100e 100e 20" 23 7 ? 8 " 60,000 15 15nle2-125e lcn 125x 125e 20" 23 7 ? 8 " 60,000 15 15nle2-150e lcn 150e 150e 20" 23 7 ? 8 " 60,000 15 15nle2-175e 175e 20" 23 7 ? 8 " 60,000 15 15nle2-200e lcn 200ed 200e 20" 23 7 ? 8 " 60,000 15 15nle3-150e 150e 20" 23 7 ? 8 " 60,000 16 15nle3-175e 175e 20" 23 7 ? 8 " 60,000 16 15nle3-250e 250e 20" 23 7 ? 8 " 60,000 16 15nle3-300e 300e 20" 23 7 ? 8 " 60,000 16 e rated catalog number old catalog number size dim. a (inches) dim. b (inches) max interrupting rating rms (asym) figure number 25.8 max. kv 15e-1c-25.8 15e 21" 24 5 ? 8 " 40,000 14 20e-1c-25.8 20e 21" 24 5 ? 8 " 40,000 14 25e-1c-25.8 25e 21" 24 5 ? 8 " 40,000 14 30e-1c-25.8 30e 21" 24 5 ? 8 " 40,000 14 40e-1c-25.8 40e 21" 24 5 ? 8 " 40,000 14 50e-1c-25.8 50e 21" 24 5 ? 8 " 40,000 14 65e-2c-25.8 65e 21" 24 5 ? 8 " 40,000 14 80e-2c-25.8 80e 21" 24 5 ? 8 " 40,000 15 100e-2c-25.8 100e 21" 24 5 ? 8 " 40,000 15 e rated catalog number old catalog number size dim. a (inches) dim. b (inches) max interrupting rating rms (asym) figure number 38 max. kv 3e-1c-38.0 3e 27" 30 5 ? 8 " 20,000 14 7e-1c-38.0 7e 27" 30 5 ? 8 " 20,000 14 10e-1c-38.0 10e 27" 30 5 ? 8 " 20,000 14 15e-1c-38.0 15e 27" 30 5 ? 8 " 20,000 14 20e-1c-38.0 20e 27" 30 5 ? 8 " 20,000 14 25e-1c-38.0 25e 27" 30 5 ? 8 " 20,000 14 30e-1c-38.0 30e 27" 30 5 ? 8 " 20,000 14 40e-1c-38.0 40e 27" 30 5 ? 8 " 20,000 14 50e-2c-38.0 50e 27" 30 5 ? 8 " 20,000 15 65e-2c-38.0 65e 27" 30 5 ? 8 " 20,000 15 80e-2c-38.0 80e 27" 30 5 ? 8 " 20,000 15 e rated medium voltage fuses current-limiting
medium voltage fuses 73 w w w . l i t t e l f u s e . c o m medium voltage fuses ? 2005 littelfuse ? powr-gard ? products catalog e rated catalog number old catalog number size dim. a (inches) dim. b (inches) max interrupting rating rms (asym) figure number 5.5 max. kv clip lock 10e-1cl-5.5 10e 16.38" 15.13" 80,000 17 15e-1cl-5.5 15e 16.38" 15.13" 80,000 17 20e-1c-5.5 20e 16.38" 15.13" 80,000 17 25e-1cl-5.5 25e 16.38" 15.13" 80,000 17 30e-1cl-5.5 30e 16.38" 15.13" 80,000 17 40e-1cl-5.5 40e 16.38" 15.13" 80,000 17 50e-1cl-5.5 50e 16.38" 15.13" 80,000 17 65e-1cl-5.5 65e 16.38" 15.13" 80,000 17 80e-1cl-5.5 80e 16.38" 15.13" 80,000 17 100e-1cl-5.5 100e 16.38" 15.13" 80,000 17 125e-1cl-5.5 125e 16.38" 15.13" 80,000 17 150e-1cl-5.5 150e 16.38" 15.13" 80,000 17 225e-2cl-5.5 225e 17.38" 16.13" 80,000 18 250e-2cl-5.5 250e 17.38" 16.13" 80,000 18 300e-2cl-5.5 300e 17.38" 16.13" 80,000 18 350e-2cl-5.5 350e 17.38" 16.13" 80,000 18 400e-2cl-5.5 400e 17.38" 16.13" 80,000 18 450e-2cl-5.5 450e 17.38" 16.13" 80,000 18 500e-3cl-5.5 500e 17.38" 16.13" 80,000 19 550e-3cl-5.5 550e 17.38" 16.13" 80,000 19 600e-3cl-5.5 600e 17.38" 16.13" 80,000 19 e rated catalog number old catalog number size dim. a (inches) dim. b (inches) max interrupting rating rms (asym) figure number 8.25 max. kv clip lock 10e-1cl-8.25 10e 17.38" 16.13" 80,000 17 15e-1cl-8.25 15e 17.38" 16.13" 80,000 17 20e-1c-8.25 20e 17.38" 16.13" 80,000 17 25e-1cl-8.25 25e 17.38" 16.13" 80,000 17 30e-1cl-8.25 30e 17.38" 16.13" 80,000 17 40e-1cl-8.25 40e 17.38" 16.13" 80,000 17 50e-1cl-8.25 50e 17.38" 16.13" 80,000 17 65e-1cl-8.25 65e 17.38" 16.13" 80,000 17 80e-1cl-8.25 80e 17.38" 16.13" 80,000 17 100e-1cl-8.25 100e 17.38" 16.13" 80,000 17 125e-2cl-8.25 125e 17.38" 16.13" 80,000 18 150e-2cl-8.25 150e 17.38" 16.13" 80,000 18 175e-2cl-8.25 175e 17.38" 16.13" 80,000 18 200e-2cl-8.25 200e 17.38" 16.13" 80,000 18 225e-2cl-8.25 225e 17.38" 16.13" 80,000 18 250e-2cl-8.25 250e 17.38" 16.13" 80,000 18 300e-2cl-8.25 300e 17.38" 16.13" 80,000 18 350e-3cl-8.25 350e 17.38" 16.13" 80,000 19 e rated catalog number old catalog number size dim. a (inches) dim. b (inches) max interrupting rating rms (asym) figure number 15.5 max. kv clip lock 10e-1cl-15.5 10e 19.8" 18.1" 60,000 17 15e-1cl-15.5 15e 19.8" 18.1" 60,000 17 20e-1cl-15.5 20e 19.8" 18.1" 60,000 17 25e-1cl-15.5 25e 19.8" 18.1" 60,000 17 30e-1cl-15.5 30e 19.8" 18.1" 60,000 17 40e-1cl-15.5 40e 19.8" 18.1" 60,000 17 50e-1cl-15.5 50e 19.8" 18.1" 60,000 17 65e-1cl-15.5 65e 22.81" 21.13" 60,000 17 80e-1cl-15.5 80e 22.81" 21.13" 60,000 17 100e-1cl-15.5 100e 22.81" 21.13" 60,000 17 125e-2cl-15.5 125 22.81" 19.1" 60,000 18 150e-3cl-15.5 150e 22.81" 19.1" 60,000 19 175e-3cl-15.5 175e 22.81" 19.1" 60,000 19 200e-3cl-15.5 200e 22.81" 19.1" 60,000 19 225e-3cl-15.5 225e 22.81" 19.1" 60,000 19 250e-3cl-15.5 250e 22.81" 19.1" 60,000 19 300e-3cl-15.5 300e 22.81" 19.1" 60,000 19 e rated medium voltage fuses current-limiting 4.75 7.94 11.56 1.25 a b 1.25 .25 3.0 clip lock design the clip lock type designs ensures a positive contact between the fuse and the connection cam. the fuses clip lock tab slides in between the clip casting and the cam to prevent the fuse from slipping or blowing out of the holder. this positive contact improves heat dissipation and allows fuses to run cooler. figure 17 figure 18 figure 19
medium voltage fuses 74 w w w . l i t t e l f u s e . c o m medium voltage fuses ? 2005 littelfuse ? powr-gard ? products catalog e rated potential transformer fuses current-limiting a b potential transformer (pt) fuses are current-limiting fuses with high interrupting ratings designed for the protection of potential transformers. application note: when applying fuses for the protection of transformers, the magnetizing current in-rush must be considered. the characteristics of the in-rush, which can be matched with a fuse time-current curve, should be available from the transformer manufacturer. characteristics voltage rating: 600vac C 25,500 vac current range: 1/2e C 10e e rated catalog number old catalog number size length dim. a (inches) diameter dim. b (inches) max interrupting rating rms (sym) 600 volt 3e-4pt-6 3e 4.6 0.8125 37,500 5e-4pt-6 5e 4.6 0.8125 37,500 7e-4pt-6 7e 4.6 0.8125 37,500 10e-4pt-6 10e 4.6 0.8125 37,500 2.75 max. kv 500e-4pt-2.4 1/2e 4.6 0.8125 37,000 1e-4pt-2.4 lcd 1e-4 1e 4.6 0.8125 37,000 2e-4pt-2.4 lcd 2e-4 2e 4.6 0.8125 37,000 2.75 max.kv 1e-6pt-2.75 1e 7.4 1.5625 37,500 2e-6pt-2.75 2e 7.4 1.5625 37,500 3e-6pt-2.75 3e 7.4 1.5625 37,500 1e-8pt-2.75 1e 9.5 1.5625 37,000 2e-8pt-2.75 2e 9.5 1.5625 37,000 3e-8pt-2.75 3e 9.5 1.5625 37,000 4.8 max. kv 1e-5pt-4.8 lce 1e-4 1e 5.6 0.8125 50,000 2e-5pt-4.8 lce 2e-4 2e 5.6 0.8125 50,000 5.5 max. kv 1/2e-6pt-5.5 1/2e 7.4 1.5625 50,000 1e-6pt-5.5 1e 7.4 1.5625 50,000 2e-6pt-5.5 2e 7.4 1.5625 50,000 3e-6pt-5.5 3e 7.4 1.5625 50,000 5e-6pt-5.5 5e 7.4 1.5625 50,000 1/2e-8pt-5.5 lcq .5e 1/2e 9.5 1.5625 50,000 1e-8pt-5.5 lcq 1e 1e 9.5 1.5625 50,000 2e-8pt-5.5 lcq 2e 2e 9.5 1.5625 50,000 3e-8pt-5.5 lcq 3e 3e 9.5 1.5625 50,000 5e-8pt-5.5 lcq 5e 5e 9.5 1.5625 50,000 10e-8pt-5.5 lcq 10e 10e 9.5 1.5625 50,000 8.25 max. kv 1/2e-8pt-8.25 1/2e 9.5 1.5625 50,000 1e-8pt-8.25 1e 9.5 1.5625 50,000 2e-8pt-8.25 2e 9.5 1.5625 50,000 3e-8pt-8.25 3 9.5 1.5625 50,000 15.5 max. kv 1/2e-11pt-15.5 lct .5e 1/2e 12.8 1.5625 35,000 1e-11pt-15.5 lct 1e 1e 12.8 1.5625 35,000 2e-11pt-15.5 lct 2e 2e 12.8 1.5625 35,000 3e-11pt-15.5 lct 3e 3e 12.8 1.5625 35,000 3e-16pt-15.5 3e 17.5 1.5625 35,000 5e-16pt-15.5 5e 17.5 1.5625 35,000 25.8 max. kv 1/2e-16pt-25.5 lcj 1e-4 1/2e 17.5 1.5625 43,500 1e-16pt-25.5 lcj 2e-4 1e 17.5 1.5625 43,500
medium voltage fuses 75 w w w . l i t t e l f u s e . c o m medium voltage fuses ? 2005 littelfuse ? powr-gard ? products catalog live parts triple barrel bottom lever in closed position .56 dia. (2) holes for mounting cable/bus .44 dia. (2) holes double barrel single barrel 1.75 1.00 2.00 2.00 2.00 4.9 4.85 3.63 3.63 3.75 top lever in open position a blown fuse indicator top view 4.50 3.08 1.50 4.16 .038" holes .78 .63 .08 .30 .31 .08 .71 1.15 .05 .78 live parts are available for mounting e, r, and pt single, double, and triple barrel fuses. mounting clips are available for ferrule type and clip lock style fuses. all clips are sold in pairs. contact factory for additional live parts. part number: 700-520-cl* system number: 0700520.zxcl clip lock design (for cl-14) part number: 700-530* system number: 0700530.z for use with all 3" diameter fuses. * one pair. dimensions for reference only. part number: 700-500* system number: 0700500.z for use with all 13 / 16 " (.8125) diameter pt fuses. mounting details for clip lock part number: 700-156* system number: 0700156.z for use with 1- 9 / 16 " to 1- 5 / 8 (1.625) diameter pt fuses. part number: 700-300* system number: 0700300.z for use with 3" diameter fuses. 2.85 2.00 3.74


▲Up To Search▲   

 
Price & Availability of LDZ125ES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X